Part Number Hot Search : 
0213630 1N4763AG TLWR8 00B0L EH680J03 1C102 680MCL LM239DG
Product Description
Full Text Search
 

To Download VLF10045T-221MR90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1/1) 002-02 / 20080629 / e531_vlf10045.fm ? all specifications are subject to change without notice. smd inductors(coils) for power line(wound, magnetic shielded) vlf series vlf10045 features  mount area: 9.7 10.0mm low profile: 4.5mm max. height  compare to slf10145(tdk conventional product) type low loss and large current capability design dc resistance: 0.89 slf10145 rated dc current: 1.47 slf10145  generic use for dc to dc converter line.  high magnetic shield construction should actualize high resolu- tion for emc protection.  available for automatic mounting in tape and real package.  the products contain no lead and also support lead-free soldering.  it is a product conforming to rohs directive. applications note book computers, amusement equipment, dvd players, vrms, plasma displays, etc. shapes and dimensions recommended pc board pattern electrical characteristics ? rated current: value obtained when current flows and the temperature has risen to 40c or when dc current flows and the nominal value of inductance has fallen by 30%, whichever is smaller.  operating temperature range: ?40 to +105c (including self-temperature rise) conformity to rohs directive 4.5max. 10.0 0.4 9.7 0.4 dimensions in mm 10.7 7.3 3.6 dimensions in mm part no. inductance (h) inductance tolerance(%) test frequency (khz) dc resistance(m ? ) rated current(a) ? max. typ. based on inductance change max. based on temperature rise typ. vlf10045t-1r0n100 1.0 30 100 5.5 4.6 13.5 10 vlf10045t-1r5n9r0 1.5 30 100 6.8 5.7 11.1 9 vlf10045t-2r2n7r4 2.2 30 100 10.2 8.5 9.1 7.4 vlf10045t-3r3n6r9 3.3 30 100 11.6 9.7 7.5 6.9 vlf10045t-4r7n6r1 4.7 30 100 15 12.5 6.3 6.1 vlf10045t-6r8n5r1 6.8 30 100 21.4 17.8 5.2 5.1 vlf10045t-100m4r3 10 20 100 29 25.0 4.3 4.3 vlf10045t-150m3r5 15 20 100 43 37.3 3.5 3.5 vlf10045t-220m2r8 22 20 100 57 49.5 2.8 3.0 vlf10045t-330m2r3 33 20 100 81 70.1 2.3 2.6 vlf10045t-470m1r9 47 20 100 112 97.6 1.9 2.2 vlf10045t-680m1r6 68 20 100 182 158 1.6 1.7 vlf10045t-101m1r3 100 20 100 250 217 1.3 1.4 vlf10045t-151m1r1 150 20 100 352 306 1.1 1.2 VLF10045T-221MR90 220 20 100 499 434 0.9 1.0 vlf10045t-331mr70 330 20 100 829 721 0.7 0.8  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.


▲Up To Search▲   

 
Price & Availability of VLF10045T-221MR90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X